Part Number Hot Search : 
MC100EP 7805A QL3012 4000A LR2003 IR91B 00V1C4 2301ECBR
Product Description
Full Text Search
 

To Download IDC2512ER100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDC-2512
Vishay Dale
High Current, Surface Mount Inductor
FEATURES
* High energy storage * Low resistance * Tape and reel packaging for automatic handling * 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0 H to 1000 H, tested at 1.0 Vrms Inductance Tolerance: 20 %, tighter tolerances available upon request Operating Temperature: - 40 C to + 125 C Resistance to Solder Heat: 260 C for 10 seconds
MATERIALS
Core: Ferrite Wire: Enamelled copper wire Base: Ceramic Terminal: Gold over Nickel Adhesive: Epoxy resin
DCR MAXIMUM (Ohms) 0.05 0.05 0.07 0.08 0.09 0.13 0.16 0.23 0.37 0.51 0.64 0.86 1.27 2.00 3.11 3.80 5.06 9.20 13.8 Isat (Amps) 2.9 2.6 2.3 2.0 1.5 1.2 1.1 0.90 0.70 0.58 0.50 0.40 0.31 0.27 0.22 0.18 0.16 0.14 0.10 Irms (Amps) 2.9 2.8 2.4 2.0 1.5 1.4 1.1 1.2 0.80 0.60 0.50 0.40 0.30 0.25 0.20 0.16 0.15 0.12 0.07
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 TOLERANCE 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % TEST FREQUENCY L (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
Inductance drop = 10 % typ. at Isat T = 15 C typ. at Irms
DIMENSIONS in inches [millimeters]
A Max. B Max. D Max. F G E J
I
H
A (Max.) 0.260 [6.60]
B (Max.) 0.175 [4.45]
D (Max.) 0.115 [2.92]
E 0.050 [1.27]
F 0.040 [1.02]
G 0.170 [4.32]
H 0.055 [1.40]
I 0.160 [4.06]
J 0.140 [3.56]
DESCRIPTION
IDC-2512 MODEL 10 H INDUCTANCE VALUE 20 % INDUCTANCE TOLERANCE ER PACKAGE CODE e4 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I D C 2 5
SIZE
1
2
E
R
1
0
0
M
TOL.
PRODUCT FAMILY
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 72
For technical questions, contact: magnetics@vishay.com
Document Number: 34006 Revision: 12-Apr-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IDC2512ER100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X